Part Number Hot Search : 
26S331C HIN238CP NE555 C101MPD D2011 X183BK 1803DFH KP464
Product Description
Full Text Search
 

To Download UUX1E221MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UX
Chip Type, Higher Capacitance Range
series
Chip type, higher capacitance in larger case sizes. . Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
UB
High Temperature
UJ
Extended range
UX
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics - 55 ~ +105C 6.3 ~ 100V 4.7 ~ 1000F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03CV (A).
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.22
10 0.19 6.3 4
16 0.16 10 4
25 0.14 16 3
35 0.12 25 3 35 3
50 0.10 50 2
63 0.10 63 3
100 0.08 100 4
Measurement frequency : 120Hz Rated voltage (V)
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
Z- 55C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of intial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above.
The capacitors shall be kept on the hot plate maintained at 250C for 30 seconds. After removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. Black print on the case top.
Capacitance change tan Leakage current
Within 10% of initial value Initial specified value or less Initial specified value or less
Chip Type
(6.3, 8 x 6.2)
105C Marking Lot No. Capacitance 2Voltage
D0.5
Type numbering system (Example : 10V 100F)
Positive C0.2 0.5MAX. Plastic platform 0.3MAX.
1
2
3
4
5
6
7
8
9
10
11 12 13 14
UUX 1 A 1 0 1 M CL 1GS
Package code A0.2 Size code 1 Size 8 x 6.2 only 2 Voltage mark for 6.3V is 6V . Capacitance tolerance (-20%) Rated Capacitance (100 F) Rated voltage (10V) Series name Type Configuration DxL Code 6.3 x 7.7 CL 8 x 6.2 CL 8 x 10 NL 10 x 10 NL
N2P 100 10V
B0.2
E H C0.2
0.5MAX.
1 Trade mark
L0.3
Negative Positive
(8 x 10, 10 x 10)
105C Marking Lot No. Trade mark Capacitance 2 Voltage Plastic platform 0.3MAX.
A0.2
Dx L
L0.5 H Pressure relief vent
Negative
A B C E L H
(mm) 10 x 10 8 x 10 6.3 x 7.7 8 x 6.2 3.2 2.9 3.3 2.4 10.3 8.3 8.3 6.6 10.3 8.3 8.3 6.6 4.5 3.1 2.3 2.2 10 10 6.2 7.7 0.5 ~ 0.8 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
Dimensions
V
Cap.(mF)
6.3
0J
10
1A
16
1C
A0.2 A0.2
D0.5
B0.2
N2P 100 16V
E
25
1E
35
1V
50
1H 8
63
1J
100
Code
4.7 4R7 10 100 22 220 33 8 6.2 330 47 8 6.2 79 (78) 8 10 470 100 8 10 148 (111) 181 8 10 10 10 8 6.2 90 101 220 8 10 161 (121) 8 10 10 10 330 (307) 10 10 351 (283) 10 10 173 221 330 288 372 8 10 10 10 318 (296) 10 10 441 (410) 10 10 331 (316) (326) 470 489 10 10 340 10 10 351 10 10 471 680 408 392 10 10 10 10 681 1000 10 10 495 102 Size 6.3 x 7.7 is available for capacitors marked. " " / Size 8 x 10 is available for capacitors marked. " " In this case, 6 will be put at 12th digit of type numbering system.
76 (75) 124 304 (283) 450
10
6.2 67 (64) 10 133 10 180 (167) 310 10 10
8 8
6.2 51 8 10 108 10 10 185 (179) 220 10 10 10 10 320
6.2 42 8 10 75 10 10 150 (121) 180 10 10 10 10 230
8
2A
fD L (mm)
Case size
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
00 ~ 470 100 ~ 1000
50 Hz 0.80 0.85
120 Hz 1.00 1.00
300 Hz 1.15 1.08
1 kHz 1.40 1.20
10 kHz~ 1.67 1.30
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UJ(p.76) series if high C/V products are reqired. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUX1E221MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X